PART |
Description |
Maker |
U2JC44 U2BC44 U2GC44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
U1FWJ44M |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
AM27C128 AM27C128-120 AM27C128-120DC AM27C128-120D |
112dB 192kHz 24-BIT SCH DAC 128 Kilobit (16 K x 8-Bit) CMOS EPROM Octal D-Type Flip-Flops With Clear 20-PDIP 0 to 70 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 90 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 120 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 55 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 90 ns, PDIP28 Quad 2-input exclusive-NOR gates with open collector outputs 14-SO 0 to 70 16K X 8 OTPROM, 120 ns, PDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 120 ns, PQCC32 112dB 192kHz 24-BIT SCH DAC 一一二分92kHz4位三星援 Quad /S-/R latches 16-SOIC 0 to 70 一一二分92kHz4位三星援 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 250 ns, CDIP28 Triple 3-input positive-NOR gates 14-SOIC 0 to 70
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
U30FWJ2C53M |
Schottky Barrier Rectifier Stack Trench Schottky Barrier Type Low Forward Voltage Schottky Barrier Type Switching Mode Power Supply Application Converter&Chopper Application
|
TOSHIBA
|
U1FWJ44N |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS
|
TOSHIBA
|
SBLF10L25 SBL10L25 SBLB10L25 |
Low VF Schottky Barrier Rectifier Reverse Voltage 25V Forward Current 10A Low VF Schottky Barrier Rectifier VF肖特基整流器
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
CDBM280 CDBM260 CDBM2100 CDBM240 |
2.0 A SMD schottky barrier rectifier. Max repetitive peak reverse voltage 40 V. SMD Schottky Barrier Rectifier 贴片肖特基整流器
|
Comchip Technology Co., Ltd.
|
BAT750 BAT75008 BAT750TA |
Discrete - Rectifiers (0.5A and higher) - Schottky / SBR Rectifiers 0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SOT23 Schottky barrier diode
|
Diodes Incorporated Zetex Semiconductors
|
U5GWJ2C48C 5GWJ2C48C |
SCHOTTKY BARRIER RECTIFIER STACK SCHOTTKY BARRIER TYPE SWITCHING MODE POWER SUPPLY APPLICATON CONVERTER & CHOPPER APPLICATION
|
TOSHIBA
|
U2GWJ44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE SWITCHING MODE POWER SUPPLY APPLICATION
|
TOSHIBA[Toshiba Semiconductor]
|
MBR230LSFT1 MBR230LSFT1G |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES, 30 VOLTS
|
ON Semiconductor
|
MBRD660CTT4G MBRD640CTT4 MBRD640CTT4G MBRD620CT MB |
Rectifier 6A 50V Schottky 6A 30V Schottky Rectifier Rectifier 6A 20V Schottky 6A 60V Schottky Rectifier SWITCHMODE Power Rectifiers 6A 40V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|